Part Number Hot Search : 
60100 HZ16CP AAT3242 7G0500X1 ISP1106 D74HC40 SN67085 DS1245W
Product Description
Full Text Search
 

To Download 74HC9115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT9115 Nine wide Schmitt trigger buffer; open drain outputs
Product specification Supersedes data of March 1988 File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
FEATURES * Schmitt trigger action on all data inputs * Output capability: standard (open drain) * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT9115 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT9115 are nine wide Schmitt trigger buffer with open drain outputs and Schmitt trigger inputs.
74HC/HCT9115
The Schmitt trigger action in the data inputs transform slowly changing input signals into sharply defined jitter-free output signals. The 74HC/HCT9115 have open-drain N-transistor outputs, which are not clamped by a diode connected to VCC. In the OFF-state, i.e. when one input is HIGH, the output may be pulled to any voltage between GND and VOmax. This allows the device to be used as a LOW-to-HIGH or HIGH-to-LOW level shifter. For digital operation and OR-tied output applications, these devices must have a pull-up resistor to establish a logic HIGH level. The "9115" is identical to the "9114" but has non-inverting outputs.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLZ CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay An to Yn input capacitance power dissipation capacitance per buffer notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 12 3.5 5 HCT 13 3.5 5 ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
PIN DESCRIPTION PIN NO. 1, 2, 3, 4, 5, 6, 7, 8, 9 10 19, 18, 17, 16, 15, 14, 13, 12, 11 20 SYMBOL A0 to A8 GND Y0 to Y8 VCC NAME AND FUNCTION data inputs ground (0 V) data outputs positive supply voltage
74HC/HCT9115
alfpage
1
A0
Y0
fpage
19
1
19
2
A1
Y1
18
2
18
3
A2
Y2
17
3
17
4
A3
Y3
16
4
16
5
A4
Y4
15
5
15
6
A5
Y5
14
6
14
7
A6
Y6
13
7
13
8
A7
Y7
12
8
12
9
A8
Y8
MBA016
11
9
MBA013
11
Fig.1 Pin configuration.
Fig.2 Logic diagram.
Fig.3 IEC logic diagram.
December 1990
3
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
74HC/HCT9115
handbook, halfpage
Yn
An GND
MBA022
Fig.4 Functional diagram.
Fig.5 Logic diagram (one Schmitt trigger).
FUNCTION TABLE INPUTS An L H Notes 1. H = HIGH voltage level L = LOW voltage level Z = high impedance OFF-state OUTPUTS Yn L Z
December 1990
4
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Transfer characteristics are given below. Output capability: standard ICC category: MSI TRANSFER CHARACTERISTICS FOR 74HC Voltages are referred to GND (ground = 0 V) Tamb (C) 74HC SYMBOL PARAMETER +25 min. typ. VT+ positive-going threshold 0.70 1.75 2.30 0.30 1.35 1.80 0.2 0.4 0.5 -40 to +85 max. min. max. 0.70 1.75 2.30 0.30 1.35 1.80 0.18 0.40 0.50 1.50 3.15 4.20 1.10 2.40 3.30 0.80 1.00 1.10 -40 to +125 min. max. 0.70 1.75 2.30 0.30 1.35 1.80 0.15 0.40 0.50 1.50 3.15 4.20 1.10 2.40 3.30 0.80 1.00 1.10 V
74HC/HCT9115
TEST CONDITIONS UNIT V CC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6
1.13 1.50 2.37 3.15 3.11 4.20 0.70 1.10 1.80 2.40 2.43 3.30 0.43 0.80 0.57 1.00 0.68 1.10
VT-
negative-going threshold
V
Fig.6
VH
hysteresis (VT+ - VT-)
V
Fig.6
AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85 -40 to +125 max. 165 33 28 110 22 19 ns 2.0 4.5 6.0 2.0 4.5 6.0 Fig.7 UNIT V CC WAVEFORMS (V) TEST CONDITIONS
min. typ. max. min. tPHL/ tPLZ propagation delay An to Yn output transition time 36 13 10 19 7 6 115 22 19 75 15 13
max. min. 140 28 24 95 19 16
tTHL
ns
Fig.7
December 1990
5
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Transfer characteristics are given below. Output capability: standard ICC category: MSI
74HC/HCT9115
Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT An UNIT LOAD COEFFICIENT 0.3
TRANSFER CHARACTERISTICS FOR 74HCT Voltages are referred to GND (ground = 0 V) Tamb (C) 74HCT SYMBOL PARAMETER +25 min. typ. VT+ VT- VH positive-going threshold negative-going threshold hysteresis (VT+ - VT-) 0.9 1.2 0.7 0.8 0.2 0.2 -40 to +85 max. min. max. 0.9 1.2 0.7 0.8 0.2 0.2 2.0 2.1 1.4 1.7 0.8 0.8 -40 to +125 min. max. 0.9 1.2 0.7 0.8 0.2 0.2 2.0 2.1 1.4 2.7 0.8 0.8 V V V 4.5 5.5 4.5 5.5 4.5 5.5 Fig.6 Fig.6 Fig.6 UNIT V CC WAVEFORMS (V) TEST CONDITIONS
1.50 2.0 1.70 2.1 1.06 1.4 1.27 1.7 0.44 0.8 0.44 0.8
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 max. 47 22 ns ns 4.5 4.5 Fig.7 Fig.7 UNIT V CC WAVEFORMS (V) TEST CONDITIONS
min. typ. max. min. max. min. tPHL/ tPLZ tTHL propagation delay An to Yn output transition time 18 7 31 15 39 19
December 1990
6
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer; open drain outputs
TRANSFER CHARACTERISTIC WAVEFORMS
74HC/HCT9115
handbook, halfpage
VO
MBA325
VH VT VT
VI
Fig.6 Transfer characteristic.
AC WAVEFORMS
tr
handbook, full pagewidth
tf 90 %
A n INPUT 10 %
VM (1) t PLZ t PZL
Yn OUTPUT 10 %
MBA023
t THL
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the input (An) to output (Yn) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HC9115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X